|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
! "# $ %&' %()&$ *&!%)%(+ ,-- .((/0* 12 3.((&/0 .&&/0+ 4 5,55 ,&,6-, ,786-9,8 #- , -2 5 -:;<, -5 =>&& ? =>&= 53 1 0 # 5 5,55 5 ;22 @a:!!: 7a60b-<@( ; 55310 0 5 4 3 , 2 c & 3 c &d 5 , 2 .((&/0 % .&&/0 75,1207 7 3212 0 5 % 2 22 5 e& 10 2 00 5-f7 1 !" !" # $ %&%% !' =>&& ( #$ '%$) !" '%$)""%$ c g .>g c :&g .&g *# % $+,-. c& ":a2 #/+,01023 *>- 2+ ""%$2% 4 .((/0* 12 3.((&/0 .&&/0+ &" ,-- $!! $/ 523 =9! !9=h% 6 %%! /7853 0 9 ) %:: #:: &/ 2hi&/ 2 ! %; :&&g .&g b:,-:5 0> 0 % # & b:,-:5 0 0 *-j"b+ 7 "58 :&0;9 # :(0;9 # :!0;9 # :&&0;9 ; & h b:,-:5 0( 0 @ 2' #7# h & b:,-:5 0! 0 < k%&k%()&k*&!%)%(+ =>&= c& c&d5 / 2 4#4 ! ! &" #4 !"6 #4 g .>g :&g .&g 2' #76 #! & b:,-:5 0! 0 *+ &! *+ ) *&+ = *!+ &>! *+ (( *()&+ &! *+ ( *+ &! *+ ()> *&&+ =(& *&+ &! *+ (!,l * ,l + )& *>&+ )&& *(>&+ )& *>&+ >)& *!&+ 7<-*; 5,+ @8*>=,+ , 2*>=,+ , 2*e&,+ @8*e&,+ @8*e&,+ 89*; 5,+ 89*>=,+ .100 .045r .100 & 2 :5 = ) &g >g 2 ! i g ===1) #1! 8 -f7m 1 5 2 0 c 8 :22 20 -f7m 5 20 1 1n0 5 5 22 5 -f7 23 87 68 5 00 0-5e& -f7m 510 0 #0 22 20 -5 0 2 2 5 1 3 -5 -f7 1 2 0 - 2 5 2 2 2 /b 0 2 5 2 1 5 *c g .>g + *c :&g .&g + |
Price & Availability of 6755 |